Part Number Hot Search : 
20M16 GBPC1508 AS324G MCT210M M2500 S25C64 JANTX2N TNY176
Product Description
Full Text Search
 

To Download 45719-0007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0457190007 Active
edge_card_connectors 12.90mm (.508") Pitch EXTreme PowerEdgeTM, Connector, 2 Segments (4 Total Contacts), Through Hole Solder for 1.57mm (.062") Thick PC Board, Mates to a 1.57mm (.062") Thick Card Edge or Bus Bar Tab
Documents: 3D Model Drawing (PDF)
Product Specification PS-45719-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV LR19980 R72090228 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Component Type MolexKits Overview Product Name Edge Card Connectors 45719 Edgecard to PCB Yes edge_card_connectors Bus Bar Socket, EXTreme PowerEdgeTM
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 4 4 All Power Black 200 Vertical (Top Entry) 94V-0 N/A High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 0.115 In 2.92 mm 0.062 In 1.60 mm Tray 0.508 In 12.90 mm 30 0.75 150 3.75 -40C to +105C Through Hole
Search Parts in this Series 45719Series Mates With 1.58mm (.062") double sided card edge or bus bar tab
Electrical
Current - Maximum per Contact Voltage - Maximum 40A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 5 Wave Capable (TH only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
1 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-45714-001 PS-45719-001 SD-45719-001
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 45719-0007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X